Part Number Hot Search : 
KMM53 MP7633 S6520 BDX53A C74LVX24 80C50 MZP4746 10C100A
Product Description
Full Text Search
 

To Download 843103CT3N9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THIN FILM
FEATURES * Tight Tolerance of 2% or 0.2 nH * Self Resonant Frequency controlled within 10% * Stable Inductance in High Frequency Circuit * Compatible with either reflow or flow soldering
Ceramic Chip Inductor
APPLICATIONS * Cellular Telephone, Pagers and GPS products * Wireless LAN and other Communication appliances * VCO, TCXO circuit and RF Transceiver Module
8431 Series
CONTENTS
Mechanical & Schematic Part Numbering Electrical Specs - 0603 Electrical Specs - 0402
PAGE
1 1 2 2
Environmental Characteristics 3 Packaging 3
Available in 2 sizes: 0603 for 1.0 nH to 68 nH 0402 for 1.0 nH to 22 nH
MECHANICAL AND SCHEMATIC (All dimensions in millimeters)
SCHEMATIC
SIZE 0603 0402
Range (nH) 1.0 - 68 1.0 - 22
A 1.60.1 1.00.05
B 0.80.1 0.50.05
C 0.450.1 0.350.05
D 0.30.2 0.20.1
PART NUMBERING
8431 8431
Inductance Code
8431
XX
X
X
XXX
3N9 = 3.9 nH 68N = 68 nH T = Tape & Reel G = 2% C = 0.2nH B = 0.1nH
Packaging Code
ISSUE: P1 11/06/02
Inductance Tolerance Code
Dimension Code Part Number
03 = 0603 (EIA) 02 = 0402 (EIA) 8431 = Thin Film Chip Inductor
Continued
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
Page 1 of 3
THIN FILM
Ceramic Chip Inductor
8431 Series
ELECTRICAL SPECIFICATIONS @ 25C
0603 Thin Film Chip Inductors
Inductance Nominal (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68
Inductance Tolerance (% or nH) 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 2% 2% 2% 2% 2% 2% 2% 2% 2% 2% 2%
Quality Factor (Min) 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 17 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz
Resistance DC/Max () 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.5 0.5 0.5 1.0 1.0 1.0 2.0 2.0 2.0 2.0 3.0 3.0 5.0 5.0
Current DC/Max (mA) 800 800 800 300 300 300 300 300 300 300 300 300 300 300 300 300 250 250 250 200 200 150 150
Self Resonant Frequency/Min (GHz) 6 6 6 6 6 6 6 6 5 5 5 4 4 3 3 2 2 2 1.5 1.5 1.5 1 1
ELECTRICAL SPECIFICATIONS @ 25C
0402 Thin Film Chip Inductors
Inductance Nominal (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22
Inductance Tolerance (% or nH) 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 0.1/0.2nH 2% 2% 2% 2% 2%
Quality Factor (Min) 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz 13 / 500MHz
Resistance DC/Max () 0.1 0.1 0.2 0.2 0.3 0.3 0.4 0.5 0.6 0.7 0.9 1.1 1.3 1.6 1.8 2.0 2.6
Current DC/Max (mA) 400 390 280 280 220 220 190 170 160 140 130 110 100 90 90 80 70
Self Resonant Frequency/Min (GHz) 6 6 6 6 6 6 6 6 6 6 6 5.5 4.5 3.7 3.3 3.1 2.8
Continued
ISSUE: P1 11/06/02
8431
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
Page 2 of 3
THIN FILM
Ceramic Chip Inductor
8431 Series
ENVIRONMENTAL CHARACTERISTICS
Item
1 2 Bending Test Vibration
Specification
L 10% L10%
Test Method
Speed of applying force: 1mm/sec, Deflection: 2mm, Hold duration: 30sec Oscillation frequency: 10~55~10Hz for 1 min. Total amplitude: 1.5mm, Testing time: 2 hours for 3 directions 2705 C, 101 second +852 C, 1000 +48/-0 hours 402 C, 90~95%RH, 1000 +48/-0 hours +403 C, 1000 +48/-0 hours -40/RT/85/RT, 10 cycles
3 4 5 6 7
Resistance to Soldering Heat High Temperature Exposure Moisture Resistance Low Temperature Storage Temperature Cycle
L10% L10% L10% L10% L10%
PACKAGING
Packaging Quantity
Packaging Series 8431-03 8431-02 Unit: pcs pcs/wheel 5,000 10,000
Reel S pecifications
Series 8431-03 8431-02
OA 180 180 OB 60min 60min OC 13.01.0 13.01.0
W 9.01.0 9.01.0
Unit: mm T 11.42.0 11.42.0
Paper Tape Specifications
ISSUE: P1 11/06/02
8431
Series 8431-03 8431-02
A 1.10.1 0.650.15
B 1.90.1 1.150.2
W 8.0 0.2
F 3.50 0.05
E 1.75 0.01
P
1
P2 2.00 0.05
P0 4.00 0.10
OD 0 1.50 +0.01
Unit: mm T 0.640.1 0.70.1
4.00 0.01
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 843103CT3N9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X